Part Number Hot Search : 
APC77130 3842AN MC310 2SK1544 38000 AN7522 AZ317TTR PE33423
Product Description
Full Text Search
 

To Download DF4-2P-2C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
2mm Pitch Connector Directly Mounted on Board
DF4 Series
Features
1. Cost Saving for Header
Thanks to the insertion/extraction socket and the harness product at the both connector edges, one of two headers necessary at both edge sockets can be saved without losing the function to separate individual boards.
2. Miniature and Multiple Contacts
The miniature connector has broad variations in contact number. Board mounting height : Maximum contact number :
4.3mm (Crimping Single row ) 32 contacts (Crimping Double row )
Height 4.3mm
3. Board Pre-fixed Mechanism
The insertion state to the board is a light crimping, which enables the pre-fixed process to the board.
Applications
Note PC, Small business equipment
Board pre-fixed mechanism
B202
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose websiteSeries2mm Pitch Connector Directly your Hirose sales representative. DF4 RoHS search at www.hirose-connectors.com, or contact Mounted on Board
Product Specifications
Current rating Rating (Note 1) Voltage rating Item 1. Insulation Resistance 2. Withstanding voltage 4. Vibration 1000M ohms Min No flashover or insulation breakdown. No damage, cracks, or parts looseness. Crimping Specification 500V DC 650V AC/1 minute 100mA Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. 5. Humidity (Steady state) Contact resistance: 30m ohms Max Insulation resistance:500M ohms Min 6. Temperature Cycle 96 hours at temperature of 40c and humidity of 90% to 95% time 5 cycles. 7. Resistance to Soldering heat No deformation of components affecting performance. Manual soldering: 300c for 3 seconds Flow: 250c for 10 seconds
Note 1: The rated current will be changed according to cable sizes for use. Note 2: Includes temperature rise caused by current flow. Note 3: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation. Note 4: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for a specific part number shown.
Crimping Cable Size
AWG 24 AWG 26 AWG 28
: 3A : 2A : 1A
Operating Temperature Range Operating Moisture Range Storage Temperature Range Storage Moisture Range Condition
-30 to +85c(Note 1) -40 to 80% -10 to +60c(Note 2) -40 to 70%
250V AC
3. Crimping Area Resistance 30m ohms Max.
Contact resistance: 30m ohms Max Insulation resistance: 1000M ohms Min Temperature -55 5 to 35 +85 -5 to 35c -30 5 to 15 30 -5 to 15 min under
Material
Product Crimping Plug Crimping Contact for Plug Part Insulator Contact Material Polyamide Brass Finish Black Tin plating Remarks UL94V-0 -------
Ordering Information
Connector
DF4
q q Series Name: DF4 w Number of Contact: 2 to 15, 4 to 32 e Connector Type P: Single row plug DP: Double row plug
-*P-2C
w e r t r Contact Pitch: 2mm t Connection Type C: Crimping socket
Contact
DF4
q Applicable cable size 2428 : AWG24 to 28
- 2428- PCF
q w w Packaging Type PCF: Plug contact/Reel PC: Plug contact/Bag
B203
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued,Connector Directly Mounted on products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. DF4 Series2mm Pitch or will be discontinued soon. Please check the Board
Single Row Crimping Plug
Photo: Contact insertion state.
Applicable Through-hole Diameter : O0.8+0.1 +0
Unit:mm Part Number DF4- 2P-2C DF4- 3P-2C DF4- 4P-2C DF4- 5P-2C DF4- 6P-2C DF4- 7P-2C DF4- 8P-2C CL No. 544-0003-4 544-0004-7 544-0005-0 544-0006-2 544-0007-5 544-0008-8 544-0009-0 Number of Contacts 2 3 4 5 6 7 8 A 04.5 06.5 08.5 10.5 12.5 14.5 16.5 B 02.0 04.0 06.0 08.0 10.0 12.0 14.0 Yes RoHS Part Number DF4- 9P-2C DF4-10P-2C DF4-11P-2C DF4-12P-2C DF4-13P-2C DF4-14P-2C DF4-15P-2C CL No. 544-0010-0 544-0011-2 544-0012-5 544-0013-8 544-0014-0 544-0015-3 544-0016-6 Number of Contacts 09 10 11 12 13 14 15 A 18.5 20.5 22.5 24.5 26.5 28.5 30.5 B 16.0 18.0 20.0 22.0 24.0 26.0 28.0 Yes RoHS
Note 1.The quantity at the specific No. "None" is delivered per bag (100pcs.). If needed, please order the products per bag.
Crimping Contact
Part Number DF4-2428PCF(05) DF4-2428PC(05) CL No. 544-0020-3-05 544-0021-6-05 Packaging Type Reel Bag Quantity 10,000 100 Finish Tin plating Tin plating RoHS Yes
Applicable Cable (Tin plating Annealed copper wire)
Conductor Size AWG24 (11 cores./0.16mm) AWG 26 (7cores./0.16mm) AWG 28 (7cores./0.127mm) Recommended Cable UL1061 UL1061/1007 Jacket Diameter
O0.75 to O1.2mm
Note:If other cables are used instead of the applicable cable, contact Hirose sales department. Strip Length: 1.3 to 1.9mm
BApplicable Crimping Tool
Type Applicator Press Main Unit Manual Crimping Tool Extraction Tool Part Number AP105-DF4-2428P CM-105 DF4-TA2428HC DF-C-PO (B) CL No. 901-4539-0 901-0005-4 550-0173-6 550-0179-2 Applicable Contact DF4-2428PCF(05)
-------
DF4-2428PC(05) DF4-2428PCF(05)
Note: If any trouble has occurred due to other tools, which are not designated by Hirose, Hirose won't guarantee any products.
B204
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose websiteSeries2mm Pitch Connector Directly your Hirose sales representative. DF4 RoHS search at www.hirose-connectors.com, or contact Mounted on Board
Double Row Crimping Plug
Photo: Contact insertion state Applicable Through-hole Diameter O0.90.05
Note:The dip side may be deviated according to the cable thickness and the crimping contact bent up/down.
Unit:mm Part Number
DF4-04DP-2C DF4-06DP-2C DF4-08DP-2C DF4-10DP-2C DF4-12DP-2C DF4-14DP-2C DF4-16DP-2C DF4-18DP-2C DF4-20DP-2C DF4-22DP-2C DF4-24DP-2C DF4-26DP-2C DF4-28DP-2C DF4-30DP-2C DF4-32DP-2C
CL No. 544-0078-3 544-0079-6 544-0080-5 544-0081-8 544-0082-0 544-0083-3 544-0084-6 544-0085-9 544-0086-1 544-0087-4 544-0088-7 544-0089-0 544-0090-9 544-0091-1 544-0092-4
Number of Contacts 04 06 08 10 12 14 16 18 20 22 24 26 28 30 32
A 04.8 06.8 08.8 10.8 12.8 14.8 16.8 18.8 20.8 22.8 24.8 26.8 28.8 30.8 32.8
B 02.0 04.0 06.0 08.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0
RoHS
YES
Note 1.The quantity at the specific No. "None" is delivered per bag (100pcs.). If needed, please order the products per bag.
B205
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued,Connector Directly Mounted on products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. DF4 Series2mm Pitch or will be discontinued soon. Please check the Board
BPrecautions
1. Recommended 1. Soldering Condition
Flow: 250c for 3 seconds Manual soldering: 29010c for 2 seconds
If the cable neighboring the connector is bent and unstraightened, secure a large bending radius because the Jacket will be broken by the solder heat and the contact wire will be exposed.The Jacket in this part will be tore.
After the soldering process. If a stress is applied to the cable in the state where the connector and the cable has heat inside, the Jacket hold area will be loosen. Therefore, carry out the post-soldering operation after the connector has returned to the room temperature.. 2. Cleaning Condition Refer to Nylon Connector Use Hand book. Don't use a solvent such ass trichloroethylene which invades the cable Jacket. In addition, avoid heat cleaning by a solvent. 3. Connection Condition Refer to the Nylon Connector Use Hand book.
B206


▲Up To Search▲   

 
Price & Availability of DF4-2P-2C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X